Part Number Hot Search : 
VSKDS403 SBL10 KBP02 MH1362 SS69R KA558 4ALVCH16 09SH3
Product Description
Full Text Search
 

To Download FX11LB-060P06-SV71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013.1 1 housing metal fitting signal contact 0.75mm 0.75m m 0.5mm ground plate ground plate and metal fitting make contact 2. 5 , 3 mm 2mm features 1. low profile design the board to board mating height of 2mm, 2.5mm and 3mm suits smaller, thinner case designs. 2. improved transmission efficiency between boards transmission characteristics have been improved through a design that fixes ground plates to both sides of the header and receptacle. 3. 10 signal:1 ground arrangement signal and ground are arranged in a ratio of 10:1 with the ground plate smt connected to the board. the ground stability achieved serves to reduce noise. 4. metal fittings for added solder weld strength metal fittings provide greater adhesion to the board, protecting against peeling.the unique connector design provides a connection between the fitting and the ground plate for a stronger ground. 5. suited to high-density applications the signal contact pitch of 0.5mm produces a smaller connector utilizing less board area for mounting. 6. structure prevents solder wicking a solder gap has been designed into the contact smt portion to prevent solder wicking. 7. high contact reliability effective mating length is 0.55mm (2mm height), 1mm(2.5mm, 3mm height) for signal contacts. 8. optional ground plate an alternate style without the ground plate is available.the space provided by the ground plate removal has been filled with additional signal contacts. applications notebook computers, pda, and other miniature electronic equipment.  
          
!  structure prevent solder vicking 10 signal: 1 ground arrangement stacking height variation stacking height : 2mm stacking height : 2.5mm, 3mm note: 2.0mm type and 2.5mm, 3mm type are not mated with each other. 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections fx11 series
2 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections note 1: the thickness of the solder paste is not included in the stacking height. note 2: 2mm type and 2.5mm, 3mm type, with ground plate type and without ground type are not mated with each other. header receptacle fx11l#-p / -sv 2mm fx11l#-s / -sv b stacking height variation b cross section of mating header receptacle header receptacle header receptacle fx11#-p / -sv 2.5mm fx11#-s / -sv fx11#-p / -sv0.5 3mm fx11l#-s-sv fx11l#-p-sv 2mm fx11#-s-sv fx11#-p-sv 2.5mm fx11#-p-sv0.5 3mm without ground plate with ground plate stacking height : 2mm stacking height : 2.5mm, 3mm ground portion signal portion receptacle header 0.55 (effective mating length) 0.55 (effective mating length) signal portion ground portion header receptacle 1 (effective mating length) 0.9 (effective mating length) (shown for stacking height 2.5mm type.)
3 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections impedance the differential impedance is 100 +/- 10 ohm for fx11 at 50 ps rise time(20% to 80%). insertion-loss-to-crosstalk ratio (icr) the insertion-loss-to-crosstalk ratio (icr) with five differential fext aggressors meets the extrapolated ieee802.3ap specification to 10 + gbps. signal integrity pin assignment to match 100 ohm differential impedance and to reduce crosstalk, a staggered gssg pin assignment is recommended.(g=ground and s=signal) diff pair signal ground gssg 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 80 85 90 95 100 105 110 115 120 time (ns) z (ohm) fx11- 3mm differentialtdr 3mm(without gnd) 0 1 2 3 4 5 6 7 8 9 10 0 10 20 30 40 50 60 frequency (ghz) icr (db) icr ieeespec 3mm(without gnd)
4 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections product specifications stacking height : 2mm note 1: the term storage refers to an unused products prior to board mounting (including packing materials) that is being kept for a long period. the operating temperature and humidity range are applied to the non-conducting condition following board assembly. note 2 : information contained in this catalog represents general requirements for this series. contact us for the drawings and specific ations for a specific part number shown. materials series name : fx11l form symbol a : with guide post b : without guide post number of contacts signal/ground:60/6, 80/8, 100/10, 120/12 signal: 68, 92, 116, 140 type without ground type with ground plate connector type p : header s : receptacle contact form sv : straight smt blank, (71): tray packaging (without pick-and-place tape) (21),(91): embossed tape packaging (without pick-and-place tape) (22),(92): embossed tape packaging (with pick-and-place tape) 1 4 5 6 2 3 rating rated current rated voltage 0.3 a (note 1) 50 v ac operating temperature range operating humidity range -55 to 85? relative humidity 95% or less (no condensation) storage temperature range storage humidity range -10 to +60? (note 2) - 40 to - 70% (note 2) part insulator contacts ground plate metal fitting metal plate material lcp copper alloy phosphor bronze phosphor bronze phosphor bronze finish beige header engagement area: gold plating of 0.1m termination area : flash plating receptacle tin plating tin plating remarks ul94v-0 ---------- ---------- ---------- ---------- measured at 100 v dc 150 v ac applied for one minute measured at 100 ma frequency: 10 to 55 hz, amplitude of 0.75 mm in 3 directions, 10 cycles each acceleration of 490 m/s 2 , 11ms duration, sine half-wave waveform,for 3 cycles in the both directions of each of the 3 axes temperature of 40?, humidity of 90 to 95%, duration 96 h temperature: -55 ? 15 to 35 ? 85 ? 15 to 35 ? time: 30 min. 2 to 3 min. 30 min. 2 to 3 min. for 5 cycles 50 times reflow: at the recommended temperature profile soldering iron temperature: 360? for 5 seconds 100 m? or greater no flashover or breakdown 60 m? or less no electrical discontinuity for 1s or greater no damage, cracks, or parts looseness no electrical discontinuity for 1 s or longer no damage, cracks, or parts looseness contact resistance of 70 m ? or less, insulation resistance of 100 m ? or greater, no damage, cracks, or parts looseness contact resistance of 70 m ? or less, insulation resistance of 100 m ? or greater, no damage, cracks, or parts looseness contact resistance of 70 m? or less no damage, cracks, or parts looseness no melting of resin portion which affects performance 1. insulation resistance 2. voltage proof 3. contact resistance item requirements conditions 4. vibration 5. shock 6. damp heat (steady state) 8. durability 9. resistance to soldering heat 7. temperature cycle fx11l # # - p - / - sv ( ? ? ) 1 6 4 2 5 fx11l # # - p - sv ( ? ? ) 1 6 4 2 3 5 type with ground plate type without ground plate ordering information 3
5 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header with ground plate note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) (71): tray packaging (91) : embossed tape packaging (without pick-and-place tape) (92) : embossed tape packaging (with pick-and-place tape) b recommended land pattern dimensions (metal mask dimensions) a0.2 0.20.05 2-(?0.8) (0.5) 1.20.2 1.90.3 (0.6) 5.050.2 5.250.3 (0.75) (0.75) (6) c0.3 d0.1 guidepost b0.2 c +0.1 0 +0.1 0 +0.1 0 0 -- 0 .1 e d0.05 f min a0.05 0.50.03 0.750.03 0.750.03 1.8 3 4 4 ?0.90.05 0.250.05 30.05 1 60.05 0.70.03(land) 0.60.03(metal mask) 0.30.03(land) 0.250.03(metal mask) b0.05 3 ?10.05 5.65 3.85 6.7min 2.95 2.25 2 0 -- 0 .1 0 -- 0 .1 0 -- 0 .1 note cross-hatched portions, totaling n places, indicate the ground circuits. the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3 4 recommended metal mask thickness: 0.15 mm cl no. 573-0002-7-71 573-0003-0-71 573-0004-2-71 573-0005-5-71 573-0012-0-71 573-0013-3-71 573-0014-6-71 573-0015-9-71 part number fx11la- 0 60p/ 0 6-sv(71) fx11la- 0 80p/ 0 8-sv(71) fx11la-100p/10-sv(71) fx11la-120p/12-sv(71) fx11lb- 0 60p/ 0 6-sv(71) fx11lb- 0 80p/ 0 8-sv(71) fx11lb-100p/10-sv(71) fx11lb-120p/12-sv(71) number of contacts signal ground 60 80 100 120 60 80 100 120 6 8 10 12 6 8 10 12 a 17.5 23.5 29.5 35.5 17.5 23.5 29.5 35.5 12 18 24 30 12 18 24 30 22.6 28.6 34.6 40.6 22.6 28.6 34.6 40.6 18 24 30 36 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 19.4 25.4 31.4 37.4 19.4 25.4 31.4 37.4 25.5 31.5 37.5 43.5 25.5 31.5 37.5 43.5 b c d e f remarks rohs with guideposts without guideposts yes unit : mm 2mm stacking height
6 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) (71): tray packaging (without pick-and-place tape) (91) : embossed tape packaging (without pick-and-place tape) (92) : embossed tape packaging (with pick-and-place tape) receptacle with ground plate b recommended land pattern dimensions (metal mask dimensions) a0.2 b0.2 c0.3 d0.1 (0.5) 1.20.2 1.650.3 (0.6) 60.2 6.20.3 (0.75) (0.75) (6) 0.20.05 0.50.05 guidepost 2-(?0.8) e +0.1 0 +0.1 0 +0.1 0 0 -- 0 .1 f d0.05 a0.05 0.50.03 0.750.03 0.750.03 1.8 4 2 ?0.90.05 1.650.05 6 0.05 4.4 0.05 1 0.7 0.03( land) 0.6 0.03 ( metal mask) 0.3 0.03( land) 0.25 0.03( metal mask) b 0.05 ?10.05 4 4 2.2 4.8 6.6 3 0 -- 0 .1 0 -- 0 .1 0 -- 0 .1 recommended metal mask thickness: 0.15 mm note cross-hatched portions, totaling n places, indicate the ground circuits. cross-hatched portions, 2 places on both sides, indicate the metal fittings. the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. 1 2 3 4 cl no. 573-0102-1-71 573-0103-4-71 573-0104-7-71 573-0105-0-71 573-0112-5-71 573-0113-8-71 573-0114-0-71 573-0115-3-71 part number fx11la- 0 60s/ 0 6-sv(71) fx11la- 0 80s/ 0 8-sv(71) fx11la-100s/10-sv(71) fx11la-120s/12-sv(71) fx11lb- 0 60s/ 0 6-sv(71) fx11lb- 0 80s/ 0 8-sv(71) fx11lb-100s/10-sv(71) fx11lb-120s/12-sv(71) number of contacts signal ground 60 80 100 120 60 80 100 120 6 8 10 12 6 8 10 12 a 17.5 23.5 29.5 35.5 17.5 23.5 29.5 35.5 12 18 24 30 12 18 24 30 25 31 37 43 25 31 37 43 20.8 26.8 32.8 38.8 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 25.4 31.4 37.4 43.4 25.4 31.4 37.4 43.4 22.2 28.2 34.2 40.2 22.2 28.2 34.2 40.2 b c d e f remarks rohs with guideposts without guideposts yes unit : mm 2mm stacking height
7 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header without ground plate b recommended land pattern dimensions (metal mask dimensions) a0.2 b0.3 c0.1 (0.5) 1.20.2 1.90.3 (0.6) 5.050.2 5.250.3 guidepost 0.20.05 1-(?0.8) e min 3 3 6.7min b +0.1 0 +0.1 0 +0.1 0 d 0 -- 0 .1 c 0.05 a 0.05 0.5 0.03 1.8 ?0.90.05 0.30.03(land) 0.250.03( metal mask ) ?10.05 5.65 3.85 2.25 2 0.750.05 2 1 0 -- 0 .1 0 -- 0 .1 recommended metal mask thickness: 0.15 mm note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) blank: tray packaging (without pick-and-place tape) (21) : embossed tape packaging (without pick-and-place tape) (22) : embossed tape packaging (with pick-and-place tape) cl no. 573-0042-1-** 573-0043-4-** 573-0044-7-** 573-0045-0-** 573-0052-5-** 573-0053-8-** 573-0054-0-** 573-0055-3-** part number fx11la- 68p-sv(**) fx11la- 92p-sv(**) fx11la-116p-sv(**) fx11la-140p-sv(**) fx11lb- 68p-sv(**) fx11lb- 92p-sv(**) fx11lb-116p-sv(**) fx11lb-140p-sv(**) number of contacts signal 68 92 116 140 68 92 116 140 a 16.5 22.5 28.5 34.5 16.5 22.5 28.5 34.5 22.6 28.6 34.6 40.6 22.6 28.6 34.6 40.6 18 24 30 36 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 19.4 25.4 31.4 37.4 19.4 25.4 31.4 37.4 25.5 31.5 37.5 43.5 25.5 31.5 37.5 43.5 b c d e remarks rohs with guideposts without guideposts yes unit : mm note the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3 2mm stacking height
8 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections receptacle without ground plate b recommended land pattern dimensions (metal mask dimensions) a0.2 b0.2 c0.3 d0.1 (0.5) 0.50.05 0.20.05 6.20.3 60.2 1.650.3 (0.6) guidepost d 0.05 a 0.05 b 0.05 0.5 0.03 2 ?0.9 0.05 2.15 0.05 0.30.03 (land) 0.250.03 (metal mask) 0.60.03 (metal mask) 0.70.03 (land) 4 2.2 0 -- 0 .1 0 -- 0 .1 0 -- 0 .1 4.8 ?1 0.05 2 6.6 +0.1 0 1 recommended metal mask thickness: 0.15 mm note the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. 1 2 note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) blank: tray packaging (without pick-and-place tape) (21) : embossed tape packaging (without pick-and-place tape) (22) : embossed tape packaging (with pick-and-place tape) cl no. 573-0142-6-** 573-0143-9-** 573-0144-1-** 573-0145-4-** 573-0152-0-** 573-0153-2-** 573-0154-5-** 573-0155-8-** part number fx11la- 68s-sv(**) fx11la- 92s-sv(**) fx11la-116s-sv(**) fx11la-140s-sv(**) fx11lb- 68s-sv(**) fx11lb- 92s-sv(**) fx11lb-116s-sv(**) fx11lb-140s-sv(**) number of contacts signal 68 92 116 140 68 92 116 140 a 18 24 30 36 18 24 30 36 16.5 22.5 28.5 34.5 16.5 22.5 28.5 34.5 25 31 37 43 25 31 37 43 20.8 26.8 32.8 38.8 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -- b c d remarks rohs with guideposts without guideposts yes unit : mm 2mm stacking height
9 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections product specifications stacking height : 2.5mm, 3mm note 1: the term storage refers to an unused products prior to board mounting (including packing materials) that is being kept for a long period. the operating temperature and humidity range are applied to the non-conducting condition following board assembly. note 2: information contained in this catalog represents general requirements for this series. contact us for the drawings and specifications for a specific part number shown. materials ordering information series name : fx11 form symbol a : with guide post b : without guide post number of contacts signal/ground:60/6, 80/8, 100/10 signal: 80, 100 type without ground type with ground plate connector type p : header s : receptacle contact form sv : straight smt product height blank: standard 0.5 : standard + 0.5mm blank, (71): tray packaging (without pick-and-place tape) (21),(91): embossed tape packaging (without pick-and-place tape) (22),(92): embossed tape packaging (with pick-and-place tape) 1 4 5 6 7 2 3 rating rated current rated voltage 0.3 a (note 1) 50 v ac operating temperature range operating humidity range -55 to 85? relative humidity 95% or less (no condensation) storage temperature range storage humidity range -10 to +60? (note 2) - 40 to - 70% (note 2) part insulator contacts ground plate metal fitting metal plate material lcp copper alloy phosphor bronze phosphor bronze phosphor bronze finish beige header engagement area: gold plating of 0.1m termination area : flash plating receptacle tin plating tin plating remarks ul94v-0 ---------- ---------- ---------- ---------- measured at 100 v dc 150 v ac applied for one minute measured at 100 ma frequency: 10 to 55 hz, amplitude of 0.75 mm in 3 directions, 10 cycles each acceleration of 490 m/s 2 , 11ms duration, sine half-wave waveform,for 3 cycles in the both directions of each of the 3 axes temperature of 40?, humidity of 90 to 95%, duration 96 h temperature: -55 ? 15 to 35 ? 85 ? 15 to 35 ? time: 30 min. 2 to 3 min. 30 min. 2 to 3 min. for 5 cycles 50 times reflow: at the recommended temperature profile soldering iron temperature: 360? for 5 seconds 100 m? or greater no flashover or breakdown 70 m? or less no electrical discontinuity for 1s or greater no damage, cracks, or parts looseness no electrical discontinuity for 1s or longer no damage, cracks, or parts looseness contact resistance of 80 m ? or less, insulation resistance of 100 m ? or greater, no damage, cracks, or parts looseness contact resistance of 80 m ? or less, insulation resistance of 100 m ? or greater, no damage, cracks, or parts looseness contact resistance of 80 m? or less no damage, cracks, or parts looseness no melting of resin portion which affects performance 1. insulation resistance 2. voltage proof 3. contact resistance item requirements conditions 4. vibration 5. shock 6. damp heat (steady state) 8. durability 9. resistance to soldering heat 7. temperature cycle fx11 # # - p / - sv 0.5 ( ? ? ) 1 7 4 3 2 5 6 fx11 # # - p - sv 0.5 ( ? ? ) 1 type with ground plate type without ground plate 7 4 2 6 3 5
10 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header with ground plate note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) (71): tray packaging (without pick-and-place tape) (91) : embossed tape packaging (without pick-and-place tape) (92) : embossed tape packaging (with pick-and-place tape) b recommended land pattern dimensions (metal mask dimensions) 5.250.3 2.13 0.3 (0.6) 1.20.2 ( 0.5 ) ( 0.75 )( 0.75 ) 2-( ?0.8 ) guidepost c0.3 ( 6 ) a0.2 b0.2 d0.1 5.050.2 0.5 0.05 0.2 0.05 2 4 3 4 3 1 ?10.05 ?0.9 0.05 2.25 0 -0.1 0 -0.1 0 -0.1 d0.05 0.5 0.03 a 0.05 1.8 +0.1 0 0.25 0.05 3 0.05 b0.05 3.85 2.95 5.65 +0.1 0 0.60.03 (metal mask) 0.7 0.03 (land) 0.30.03 (land) 0.250.03 (metal mask) 0.75 0.03 6 0.05 0.75 0.03 6.7 min f min c +0.1 0 e 0 note cross-hatched portions, totaling n places, indicate the ground circuits. the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3 4 recommended metal mask thickness: 0.15 mm cl no. 573-0502-0-71 573-0503-2-71 573-0504-5-71 573-0512-3-71 573-0513-6-71 573-0514-9-71 part number fx11a- 60p/06-sv(71) fx11a- 80p/08-sv(71) fx11a-100p/10-sv(71) fx11b- 60p/06-sv(71) fx11b- 80p/08-sv(71) fx11b-100p/10-sv(71) number of contacts signal ground 60 80 100 60 80 100 6 8 10 6 8 10 a 17.5 23.5 29.5 17.5 23.5 29.5 12 18 24 12 18 24 22.6 28.6 34.6 22.6 28.6 34.6 18 24 30 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 19.4 25.4 31.4 19.4 25.4 31.4 25.5 31.5 37.5 25.5 31.5 37.5 b c d e f remarks rohs with guideposts without guideposts yes unit : mm 2.5mm stacking height
11 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header with ground plate note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) (71): tray packaging (without pick-and-place tape) (91) : embossed tape packaging (without pick-and-place tape) (92) : embossed tape packaging (with pick-and-place tape) b recommended land pattern dimensions (metal mask dimensions) (6) (0.75) (0.75) a0.2 b0.2 5.050.2 0.50.05 0.20.05 guidepost c0.3 d0.1 5.250.3 1.20.2 (0.6) 2.630.3 (0.5) 2-(?0.8) 6 0.05 0.75 0.03 0.75 0.03 6.7 min c +0.1 0 e 0 -0.1 2 4 3 4 3 1 ?10.05 ?0.9 0.05 2.25 0 -0.1 0 -0.1 0 -0.1 d0.05 fmin 0.5 0.03 a0.05 1.8 +0.1 0 0.250.05 3 0.05 b0.05 3.85 2.95 5.65 +0.1 0 0.60.03 (metal mask) 0.70.03 (land) 0.30.03 (land) 0.250.03(metal mask) note cross-hatched portions, totaling n places, indicate the ground circuits. the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3 4 recommended metal mask thickness: 0.15 mm cl no. 573-0602-4-71 573-0603-7-71 573-0604-0-71 573-0612-8-71 573-0613-0-71 573-0614-3-71 part number fx11a- 60p/ 6-sv0.5(71) fx11a- 80p/ 8-sv0.5(71) fx11a-100p/10-sv0.5(71) fx11b- 60p/ 6-sv0.5(71) fx11b- 80p/ 8-sv0.5(71) fx11b-100p/10-sv0.5(71) number of contacts signal ground 60 80 100 60 80 100 6 8 10 6 8 10 a 17.5 23.5 29.5 17.5 23.5 29.5 12 18 24 12 18 24 22.6 28.6 34.6 22.6 28.6 34.6 18 24 30 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 19.4 25.4 31.4 19.4 25.4 31.4 25.5 31.5 37.5 25.5 31.5 37.5 b c d e f remarks rohs with guideposts without guideposts yes unit : mm 3mm stacking height
12 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections receptacle with ground plate note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) (71): tray packaging (without pick-and-place tape) (91) : embossed tape packaging (without pick-and-place tape) (92) : embossed tape packaging (with pick-and-place tape) b recommended land pattern dimensions (metal mask dimensions) (6) a0.2 c0.3 d0.1 2-(?0.8) b0.2 guidepost (0.5) 0.50.05 0.20.05 1.20.2 60.2 6.20.3 (0.75) (0.75) (0.6) 2.10.3 e +0.1 0 f 0 -0.1 d0.05 a0.05 b0.05 60.05 0.750.03 0.750.03 ?10.05 ?0.90.05 2.2 0 -0.1 0.50.03 1.8 +0.1 0 4.40.05 0.30.03 (land) 0.70.03(land) 0.60.03(metal mask) 0.250.03 (metal mask) 4.8 0 -0.1 4 0 -0.1 6.6 +0.1 0 1.650.05 4 4 3 2 recommended metal mask thickness: 0.15 mm cl no. 573-0702-9-71 573-0703-1-71 573-0704-4-71 573-0712-2-71 573-0713-5-71 573-0714-8-71 part number fx11a- 60s/ 6-sv(71) fx11a- 80s/ 8-sv(71) fx11a-100s/10-sv(71) fx11b- 60s/ 6-sv(71) fx11b- 80s/ 8-sv(71) fx11b-100s/10-sv(71) number of contacts signal ground 60 80 100 60 80 100 6 8 10 6 8 10 a 17.5 23.5 29.5 17.5 23.5 29.5 12 18 24 12 18 24 25 31 37 25 31 37 20.8 26.8 32.8 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 25.4 31.4 37.4 25.4 31.4 37.4 22.2 28.2 34.2 22.2 28.2 34.2 b c d e f remarks rohs with guideposts without guideposts yes unit : mm 2.5mm, 3mm stacking height note cross-hatched portions, totaling n places, indicate the ground circuits. cross-hatched portions, totaling 2 places, indicate the metal fittings. the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. 1 2 3 4
13 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header without ground plate b recommended land pattern dimensions (metal mask dimensions) 0.20.05 a0.2 (0.5) 1.20.2 5.250.3 5.050.2 b0.3 c0.1 guidepost 2-(?0.8) (0.6) 2.130.3 b +0.1 0 d 0 -0.1 c0.05 a0.05 6.7min e min 0.3(land) ?10.05 ?0.90.05 2.25 0 -0.1 0.50.03 1.8 +0.1 0 0.250.05 0.250.03(metal mask) 3.85 0 -0.1 5.65 +0.1 0 2 2 3 1 3 recommended metal mask thickness: 0.15 mm note the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3 note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) blank: tray packaging (without pick-and-place tape) (21) : embossed tape packaging (without pick-and-place tape) (22) : embossed tape packaging (with pick-and-place tape) cl no. 573-0548-0-** 573-0543-7-** 573-0558-4-** 573-0553-0-** part number fx11a- 80p-sv(**) fx11a-100p-sv(**) fx11b- 80p-sv(**) fx11b-100p-sv(**) number of contacts signal 80 100 80 100 a 19.5 24.5 19.5 24.5 24.6 29.6 24.6 29.6 20 25 - - - - - - - - - - - - - - - - - - - - 21.4 26.4 21.4 26.4 27.5 32.5 27.5 32.5 b c d e remarks rohs with guideposts without guideposts yes unit : mm 2.5mm stacking height
14 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections header without ground plate b recommended land pattern dimensions (metal mask dimensions) 0.20.05 a0.2 (0.5) 1.20.2 5.250.3 5.050.2 b0.3 c0.1 guidepost 2-(?0.8) (0.6) 2.130.3 b +0.1 0 d 0 -0.1 c0.05 a0.05 6.7min e min 0.3(land) ?10.05 ?0.90.05 2.25 0 -0.1 0.50.03 1.8 +0.1 0 0.250.05 0.250.03(metal mask) 3.85 0 -0.1 5.65 +0.1 0 2 2 3 1 3 recommended metal mask thickness: 0.15 mm note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) blank: tray packaging (without pick-and-place tape) (21) : embossed tape packaging (without pick-and-place tape) (22) : embossed tape packaging (with pick-and-place tape) cl no. 573-0648-5-** 573-0643-1-** 573-0658-9-** 573-0653-5-** part number fx11a- 80p-sv0.5(**) fx11a-100p-sv0.5(**) fx11b- 80p-sv0.5(**) fx11b-100p-sv0.5(**) number of contacts signal 80 100 80 100 a 19.5 24.5 19.5 24.5 24.6 29.6 24.6 29.6 20 25 - - - - - - - - - - - - - - - - - - - - 21.4 26.4 21.4 26.4 27.5 32.5 27.5 32.5 b c d e remarks rohs with guideposts without guideposts yes unit : mm 3mm stacking height note the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. do not mount a part other than this product in the area of . doing so will prevent the engagement of this and the mating connector. 1 2 3
15 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections receptacle without ground plate b recommended land pattern dimensions (metal mask dimensions) a0.2 b0.3 0.2 0.05 c0.1 ( 0.5 ) 6.2 0.3 1.2 0.2 2-( ?0.8 ) 6 0.2 guidepost (0.6) 2.10.3 c 0.05 2.2 0 -0.1 1.650.05 a 0.05 e 0 -0.1 d +0.1 0 1.8 +0.1 0 ?10.05 0.5 0.03 0.30.03 (land) 4.8 0 -0.1 6.6 +0.1 0 0.250.03(metal mask) ?0.9 0.05 1 2 2 recommended metal mask thickness: 0.15 mm note the cross-hatched area inside the smt land may come into contact with the connector contacts and thus care should be taken that the pattern does not extend beyond the smt land width. not required in products without guideposts. 1 2 note 1: there is no polarity in terms of board mounting for this product. note 2: the coplanarity of this product's smt leads is 0.1 mm or less. note 3: please order embossed tape packaged items by the reel. (one reel holds 1,000 pieces.) [specifications number] C **, (**) blank: tray packaging (without pick-and-place tape) (21) : embossed tape packaging (without pick-and-place tape) (22) : embossed tape packaging (with pick-and-place tape) cl no. 573-0748-0-** 573-0743-6-** 573-0758-3-** 573-0753-0-** part number fx11a- 80s-sv(**) fx11a-100s-sv(**) fx11b- 80s-sv(**) fx11b-100s-sv(**) number of contacts signal 80 100 80 100 a 19.5 24.5 19.5 24.5 27 32 27 32 22.8 27.8 - - - - - - - - - - - - - - - - - - - - 27.4 32.4 27.4 32.4 24.2 29.2 24.2 29.2 b c d e remarks rohs with guideposts without guideposts yes unit : mm 2.5mm, 3mm stacking height
16 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections 20.2 26.2 20.2 26.2 20.2 40.4 52.4 40.4 52.4 40.4 44 56 44 56 44 45.5 59 45.5 59 45.5 50.5 64 50.5 64 50.5 1.98 2.48 2.98 26.2 20.2 20.2 26.2 20.2 52.4 40.4 40.4 52.4 40.4 56 44 44 56 44 59 45.5 45.5 59 45.5 64 50.5 50.5 64 50.5 a b c d e f unit : mm insertion connector fx11l#- 60p/ 6 -sv fx11l#- 80p/ 8 -sv fx11l#-100p/10-sv fx11l#-120p/12-sv fx11l#- 68p -sv fx11l#- 92p -sv fx11l#-116p -sv fx11l#-140p -sv fx11 #- 60p/ 6 -sv fx11 #- 80p/ 8 -sv fx11 #-100p/10-sv fx11 #- 80p -sv fx11 #-100p -sv fx11 #- 60p/ 6 -sv0.5 fx11 #- 80p/ 8 -sv0.5 fx11 #-100p/10-sv0.5 fx11 #- 80p -sv0.5 fx11 #-100p -sv0.5 b embossed carrier tape dimensions note 1: there is no polarity in terms of embossed tape packaging for this product. note 2: left figure is representative of products with ground plates. 20.2 26.2 20.2 26.2 20.2 40.4 52.4 40.4 52.4 40.4 44 56 44 56 44 45.5 59 45.5 59 45.5 50.5 64 50.5 64 50.5 2 2.45 26.2 20.2 52.4 40.4 56 44 59 45.5 64 50.5 a b c d e f unit : mm insertion connector fx11l#- 60s/ 6 -sv fx11l#- 80s/ 8 -sv fx11l#-100s/10-sv fx11l#-120s/12-sv fx11l#- 68s -sv fx11l#- 92s -sv fx11l#-116s -sv fx11l#-140s -sv fx11 #- 60s/ 6 -sv fx11 #- 80s/ 8 -sv fx11 #-100s/10-sv fx11 #- 80s -sv fx11 #-100s -sv note 1: there is no polarity in terms of embossed tape packaging for this product. note 2: left figure is representative of products with ground plates. header unreeling direction a0.1 1.75 0.1 b0.1 c0.3 ?1.5 +0.1 0 0.1 2 0.1 120.1 ( 0.4 ) ( f )( 0.9 ) r0.75 +0.05 0 0.2 0.05 4 receptacle unreeling direction a0.1 1.75 0.1 b0.1 c0.3 ?1.5 +0.1 0 4 0.1 2 0.1 120.1 ( 0.9) (f) ( 0.4) r0.75 +0.05 0 0.2 0.05 reel dimensions ?130.5 (?330) (?80) (d) (e)
17 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections b recommended temperature profile b washing conditions b connector handling precautions 1. allowable creepage dimensions at time of mating 2. compatibility 2mm type and 2.5mm, 3mm type, with ground plate type and without ground type are not mated with each other. 3. retension of boards avoid the support of boards by connectors alone and adopt a board locking measure that does not rely on the connectors. 4. solder repair flux may rise as far as the contact portion of the connector depending on the flux coating and other factors at the time of rep air. this will cause poor contact reliability; therefore, before use, the aforementioned washing conditions should be taken into consideration prior to connector washing. 5. miscellaneous note that excessive twisting while inserting or withdrawing connectors will cause damage. the shade of the molded items may vary somewhat depending on the manufacturing lot; however, this does not affect performance. water type washing when using water type cleaning agents (e.g., terpene, and alkali saponifiers), select the cleaning agent based on the documentation issued by the various manufacturers of cleaning agents which describes the effects on metals and resins. be careful that parts are not left with moisture remaining on them. washing precautions residual flux or cleaning agent on the contacts when washing with organic solvents or water type cleaners can give rise to the deterioration of electrical performance. in this regard it is important to check whether a thorough washing has been performed. organic solvent washing solvent room temperature washing heated washing ipa(isopropyl alcohol) hcfc(hydrochlorofluorocarbon) yes yes yes yes hrs test conditions test boardglass epoxy 60mm35mm1.6mm thick solder method : reflow solder composition : paste,96.5%sn/ 3%ag/ 0.5%cu metal mask : 0.15mm thick reflow cycles : 2 cycles the temperature profile is based on the above conditions. in individual applications the actual temperature may vary, depending on solder paste type, volume/thickness and board size/thickness. consult your solder paste and equipment manufacturer for specific recommendations. note : the temperature profile indicates the maximum temperature of the connector surfaces at the highest point from the pcb mounting surface. temperature (?) 150? 200? 220? soldering (220? min) 140 180 220 0 160 200 (max250?) 240 260 (90 to 120 sec.) (60 sec. max.) preheating(150 to 200?) time(sec.) [stacking height : 2mm] the effective coupling length of this product is 0.55 mm for the signal portion and the ground portion. the creepage of the header and receptacle at the time of mating should be within 0.18 mm of the completely coupled condition. [stacking height : 2.5mm, 3mm] the effective coupling length of this product is 1 mm for the signal portion and 0.7mm for the ground portion. the creepage of the header and receptacle at the time of mating should be within 0.4 mm of the completely coupled condition.
18 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections notes :
19 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections notes :
20 fx11 series 0.5mm pitch connectors with ground plate for 2mm to 3mm board-to-board connections the characteristics and the specifications contained herein are for reference purpose. please refer to the latest customer dra wings prior to use. the contents of this catalog are current as of date of 01/2013. contents are subject to change without notice for the purpose o f improvements. usa: hirose electric (u.s.a.), inc. san jose office 20400 stevens creek blvd., ste 250, cupertino, ca 95014 phone : +1-408-253-9640 fax : +1-408-253-9641 http://www.hiroseusa.com usa: hirose electric (u.s.a.), inc. headquarters 2688 westhills court, simi valley, ca 93065-6235 phone : +1-805-522-7958 fax : +1-805-522-3217 http://www.hiroseusa.com hong kong: hirose electric hongkong trading co., ltd. room 1001, west wing, tsim sha tsui centre, 66 mody road, tsim sha tsui east, kowloon, hong kong phone : +852-2803-5338 fax : +852-2591-6560 http://www.hirose-hongkong.com.hk china: hirose electric (shanghai) co., ltd. beijing branch a1001, ocean international center, building 56# east 4th ring middle road, chao yang district, beijing, 100025 phone : +86-10-5165-9332 fax : +86-10-5908-1381 http://www.hirose-china.com.cn taiwan: hirose electric taiwan co., ltd. 103 8f, no.87, zhengzhou rd., taipei phone : +886-2-2555-7377 fax : +886-2-2555-7350 http://www.hirose-taiwan.com.tw germany: hirose electric europe b.v. german branch herzog-carl-strasse 4 d-73760 ostfildern (scharnhauser park) phone : +49-711-4560-02-1 fax : +49-711-4560-02-299 http://www.hirose.de india: hirose electric singapore pte. ltd. bangalore liaison office unit no.03, ground floor, explorer building international tech park whitefield road, bangalore 560066 karnataka, india phone : +65-6324-6113 fax : +65-6324-6123 http://www.hirose-singapore.com.sg singapore: hirose electric singapore pte. ltd. 10 anson road #26-16 international plaza 079903 phone : +65-6324-6113 fax : + 65-6324-6123 http://www.hirose-singapore.com.sg the netherlands: hirose electric europe b.v. hogehillweg #8 1101 cc amsterdam z-o phone : +31-20-6557460 fax : +31-20-6557469 http://www.hiroseeurope.com united kingdom: hirose electric europe b.v. uk branch first floor, st andrews house, caldecotte lake business park, milton keynes mk7 8le phone : +44-1908-369060 fax : +44-1908-369078 http://www.hirose.co.uk usa: hirose electric (u.s.a.), inc. detroit office (automotive) 37677 professional center drive, suite #100c livonia, mi 48154 phone : +1-734-542-9963 fax : +1-734-542-9964 http://www.hiroseusa.com china: hirose electric (shanghai) co., ltd. 1601,henderson metropolitan,no.300 ,east nanjing road,huangpu district, shanghai,china 200001 phone : +86-21-6391-3355 fax : +86-21-6391-3335 http://www.hirose-china.com.cn china: hirose electric technologies (shenzhen) co., ltd. room 09-13, 19/f, office tower shun hing square, di wang commercial centre 5002, shennandong road, shenzhen city, guangdong province, 518008 phone : +86-755-8207-0851 fax : +86-755-8207-0873 http://www.hirose-china.com.cn korea: hirose korea co., ltd. 1261-10, jeoungwhang-dong, shihung-city, kyunggi-do 429-450 phone : +82-31-496-7000,7124 fax : +82-31-496-7100 http://www.hirose.co.kr 6-3,nakagawa chuoh-2-chome,tsuzuki-ku,yokohama-shi 224-8540,japan tel: + 81-45-620-3526 fax: + 81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ?


▲Up To Search▲   

 
Price & Availability of FX11LB-060P06-SV71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X